ATS-05F-71-C2-R0
AI

The **ATS-05F-71-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions Inc.* It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
### 1. Technical Specifications
The following table highlights the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 30.00mm |
| **Thermal Resistance (Airflow)** | 6.69°C/W @ 100 LFM (0.5 m/s) |
| **Thermal Resistance (Static)** | 1.20°C/W @ 700 LFM (3.5 m/s) |
| **Finstub Pattern** | Straight Fin |
---
### 2. Key Design Components
#### A. Fin Design
The "Straight Fin" geometry is optimized for **forced air cooling**. The vertical fins provide a large surface area for heat exchange, allowing air from a cooling fan to pass through the channels and carry away heat efficiently.
#### B. Push-Pin Attachment
The part uses a specialized **Push-Pin** mounting system:
* **Compression Springs:** Ensure even pressure across the component surface for maximum thermal transfer.
* **Secure Fit:** Provides a vibration-resistant connection compared to simple adhesive tapes.
* **Pre-drilled Holes:** Requires specific hole patterns on the PCB (Printed Circuit Board).
#### C. Thermal Interface Material (TIM)
The "R0" suffix typically indicates that the heat sink comes with **Pre-applied Thermal Interface Material**. This is a thin layer of thermal grease or a phase-change pad that fills microscopic air gaps between the heat sink and the chip.
---
### 3. Applications
This specific size and thermal rating make it suitable for:
* **Telecommunications:** Cooling high-speed network processors.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Electronics:** Dissipating heat from large MOSFETs or Voltage Regulator Modules (VRMs).
---
- ⤷
What is the required PCB hole diameter for the push-pin mounting?
- ⤷ How does 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used in a passive cooling environment without a fan?