ATS-05F-72-C2-R0
AI

The **ATS-05F-72-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It is part of the push-pin "blue ice" series designed to cool electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 5.10°C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 15.00mm |
| **Fin Style** | Straight (Cross-Cut) |
---
### 2. Key Features
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766**, a high-performance phase-change material that ensures maximum heat transfer between the chip and the heat sink.
* **Push-Pin Mounting:** It utilizes a brass push-pin mechanism. This provides a secure, consistent pressure on the electronic component, which is more reliable than adhesive tapes.
* **Cross-Cut Fin Pattern:** The fins are designed to allow for "omni-directional" airflow, meaning it can dissipate heat effectively regardless of the direction of the system's cooling fans.
---
### 3. Application in Electronics
This component is used in environments where passive or active airflow is present to prevent thermal throttling or hardware failure. Common use cases include:
1. **Telecommunications Equipment:** High-speed routers and switches.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Cooling MOSFETs or voltage regulators.
---
### 4. Part Number Breakdown (Nomenclature)
Understanding the code helps in selecting the right variant:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **05:** Series type.
* **F:** Fin pitch/density.
* **72:** Specific dimension/geometry code.
* **C2:** Thermal Interface Material type (T766).
* **R0:** RoHS compliance status.
- ⤷
What is the difference between the C1 and C2 variants of this heat sink?
- ⤷ How do I calculate the required airflow for this specific thermal resistance?
- ⤷ Are there alternative mounting options if my PCB lacks push-pin holes?