ATS-05F-91-C3-R0
AI

The **ATS-05F-91-C3-R0** is a specific electronic component categorized as a **High-Performance Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It is part of the "push-pin" series designed for cooling processors or high-heat electronic components on a PCB.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 6.89° C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 10mm |
| **Weight** | ~45 grams |
---
### 2. Key Design Features
This part is engineered for efficient heat dissipation in compact spaces:
* **Fin Profile:** It utilizes a **Fine Pitch** fin design. This increases the surface area available for convection, making it ideal for high-density electronic assemblies.
* **Push-Pin Attachment:** The `-R0` designation indicates a hardware set that includes plastic push-pins and springs. This provides consistent pressure for the thermal interface material (TIM) and allows for secure mounting through pre-drilled holes in the PCB.
* **Thermal Interface Material (TIM):** Typically, these units come with a pre-applied phase-change material (like T766) on the base to ensure a low-resistance thermal path between the chip and the aluminum.
---
### 3. Application Use Cases
The ATS-05F-91-C3-R0 is commonly used in the following environments:
1. **Networking Hardware:** Cooling ASICs in routers and switches.
2. **Embedded Systems:** Industrial PCs where vertical clearance is limited (only 10mm high).
3. **Power Supplies:** Managing heat for MOSFETs or voltage regulators.
---
### 4. Part Number Breakdown (Nomenclature)
Understanding the code helps in identifying variations:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **05F** | Series designation |
| **91** | Specific Fin/Pattern ID |
| **C3** | Thermal Interface Material / Color code |
| **R0** | Revision / Packaging type |
- ⤷
What are the alternative attachment methods to push-pins for this heat sink?
- ⤷ How does the 'Blue Anodized' finish affect the thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used for active cooling with an attached fan?