ATS-05F-94-C2-R0
AI

The **ATS-05F-94-C2-R0** is a high-performance electronic thermal management component, specifically an aluminum heat sink designed for cooling integrated circuits (ICs) and other electronic components.
### 1. Technical Specifications
The following table highlights the primary physical and thermal characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Dimensions (L x W)** | 40.00 mm x 40.00 mm |
| **Height (Off Base)** | 20.00 mm |
| **Thermal Resistance** | 14.63°C/W (at 100 LFM) to 1.05°C/W (at 700 LFM) |
| **Finish** | Blue Anodized |
| **Thermal Interface (TIM)** | T766 (Pre-applied) |
---
### 2. Key Design Elements
#### A. Fin Pattern (Cross-Cut)
The "94" designation indicates a specific fin geometry. This heat sink uses a **straight-fin or cross-cut design** that maximizes surface area. This allows for high airflow efficiency and heat dissipation in both natural and forced convection environments.
#### B. pushPIN™ Attachment System
Instead of using messy thermal adhesives or fragile clips, this part uses a **Push-Pin** mechanism.
* **Engagement:** It uses a flexible nylon pin and a stainless steel spring.
* **Pressure:** The spring ensures constant, even pressure across the component, optimizing the thermal contact between the chip and the heat sink.
#### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T766**, a high-performance thermal grease. This eliminates the need for manual application and ensures there are no air gaps between the heat sink and the electronic component (CPU, GPU, or FPGA).
---
### 3. Application Use-Cases
This specific heat sink is typically found in:
1. **Telecommunications:** Networking switches and routers.
2. **Embedded Systems:** Industrial PCs and high-speed controllers.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
---
- ⤷
What are the alternative attachment methods to Push-Pins for this size heat sink?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used for passive cooling without a fan?