ATS-05F-95-C2-R0
AI

The **ATS-05F-95-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It is part of the "pushPin™" series, designed for efficient heat dissipation from electronic integrated circuits (ICs) like CPUs, GPUs, or power transistors.
---
### 1. Technical Specifications
The following table breaks down the physical and thermal properties of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPin™ (Plastic or Brass) |
| **Thermal Resistance** | 7.29 °C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 25.00mm |
| **Fin Type** | Fine Pitch (High efficiency) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Key Components & Design
* **pushPin™ Attachment:** This model uses a spring-loaded attachment mechanism. This ensures a consistent pressure (load) on the electronic component, which optimizes heat transfer through the Thermal Interface Material (TIM).
* **Heat Sink Material:** Made of Aluminum 6063, which offers high thermal conductivity while remaining lightweight. The **Blue Anodized** coating protects against corrosion and improves surface emissivity.
* **Fin Geometry:** It features a "Fine Pitch" design. This maximizes the surface area within a small footprint (40mm), allowing for better cooling in systems with forced airflow (fans).
* **Pre-applied TIM:** The "T766" designation indicates that a high-performance thermal pad or grease is already applied to the base, simplifying the assembly process in manufacturing.
---
### 3. Application Use Cases
This part is typically used in the following electronic environments:
1. **Telecommunications:** Cooling of networking chips in routers or switches.
2. **Embedded Systems:** Industrial PCs or motherboards where space is limited but heat density is high.
3. **Power Electronics:** Dissipating heat from high-speed voltage regulators.
---
### 4. Part Number Breakdown
The part number **ATS-05F-95-C2-R0** can be decoded as follows:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **05:** Series/Category identifier.
* **F:** Fin configuration type.
* **95:** Specific dimensional/performance code.
* **C2:** Thermal Interface Material (T766) and color code.
* **R0:** Revision or packaging standard.
- ⤷
What is the difference between this pushPin attachment and a standard clip-on heat sink?
- ⤷ How does the air flow rate (LFM) affect the thermal resistance of this specific part?
- ⤷ Can this heat sink be used with high-power GPUs
- ⤷ or is it limited to low-power ICs?