ATS-05F-98-C2-R0
AI

The **ATS-05F-98-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It belongs to the **pushPIN™** series, designed for secure and efficient cooling of integrated circuits (ICs).
---
### 1. Technical Specifications
The part is characterized by its physical dimensions and thermal resistance properties, which determine how effectively it can dissipate heat from a semiconductor device.
| Property | Description / Value |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded attachment) |
| **Thermal Resistance** | 15.31°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 15mm |
| **Fin Pattern** | Cross-Cut (Square-Fin) |
| **Compliance** | RoHS and REACH Compliant |
---
### 2. Key Electronic Features
#### A. Cross-Cut Fin Design
Unlike straight-fin heat sinks, the cross-cut (or square-fin) pattern allows for airflow from any direction (omnidirectional). This is critical in cramped electronic enclosures where air turbulence and direction can vary.
#### B. pushPIN™ Attachment System
This component uses a specialized mechanical attachment system consisting of:
* **Brass/Plastic Push Pins:** Used to secure the heat sink to the PCB through pre-drilled holes.
* **Stainless Steel Springs:** Provide consistent "Engagement Force," ensuring a reliable thermal interface between the heat sink base and the chip.
#### C. Pre-applied Thermal Interface Material (TIM)
The "R0" suffix typically indicates that the part comes with a pre-applied **Phase Change Material (PCM)** or high-performance thermal pad on the base. This eliminates the need for manual thermal paste application during assembly.
---
### 3. Applications in Electronics
This specific size and thermal profile are commonly found in:
1. **Telecommunications:** Cooling Network Interface Cards (NICs) or small switches.
2. **Embedded Systems:** Dissipating heat from FPGAs or Microprocessors.
3. **Power Supplies:** Cooling voltage regulators or power transistors.
---
### 4. Thermal Performance Data
Performance varies based on the Air Velocity (measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | 100 (0.5 m/s) | 300 (1.5 m/s) | 500 (2.5 m/s) |
| :--- | :--- | :--- | :--- |
| **Thermal Res (°C/W)** | 15.31 | 5.81 | 3.67 |
- ⤷
What are the PCB hole requirements for the pushPIN attachment system?
- ⤷ How does the blue anodized finish affect the thermal radiation properties?
- ⤷ Are there alternative fin heights available for this 45mm x 45mm footprint?