Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-05G-129-C2-R0

  • AI
    The **ATS-05G-129-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) and surface-mount components. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. | | **Series** | pushPIN™ | | **Material** | Aluminum | | **Fin Type** | XCUT (Cross-cut) | | **Attachment Method** | Push-Pin (Spring-loaded) | | **Dimensions** | 60mm x 60mm | | **Height (Off Base)** | 10mm | | **Thermal Resistance** | 8.68°C/W (Unducted Flow @ 100 LFM) | | **Finish** | Blue Anodized | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ### Key Features and Electronic Functionality #### 1. Heat Dissipation (Thermal Management) The primary role of this part is to increase the surface area of a heat-generating electronic component (like a CPU, FPGA, or MOSFET). By using a **cross-cut (XCUT)** fin pattern, it allows for multi-directional airflow, making it highly efficient in crowded PCB environments where air might not flow in a single straight path. #### 2. Mechanical Attachment (Push-Pin) Unlike adhesive-based heat sinks, the "C2" designation indicates a **Push-Pin** mounting system. * **Stability:** Provides consistent pressure (clamping force) on the electronic chip, ensuring optimal contact with the Thermal Interface Material. * **Durability:** It is more resistant to shock and vibration compared to "peel-and-stick" tape methods. #### 3. Thermal Interface Material (TIM) The unit comes with **T766** pre-applied to the base. In electronics, the TIM fills microscopic air gaps between the heat sink and the component, significantly lowering the thermal resistance and preventing the electronic part from reaching its T-junction thermal limit. --- ### Application in Electronic Systems This specific heat sink is typically found in: * **Telecommunications:** High-speed routers and switches. * **Industrial Computing:** Embedded boards that require low-profile cooling (only 10mm high). * **Power Electronics:** Cooling large surface-mount power regulators.
    ✨ Follow-up Questions
    • ⤷ What are the advantages of XCUT fin patterns over straight fin designs?
    • ⤷ How do I calculate if the 8.68°C/W thermal resistance is sufficient for my chip?
    • ⤷ What are the PCB hole requirements for the push-pin mounting system?