ATS-05G-35-C2-R0
AI

## Electronic Specifications: ATS-05G-35-C2-R0
The **ATS-05G-35-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed for cooling electronic components like CPUs, GPUs, and power transistors.
### 1. General Specifications
Below are the physical and material properties of the heat sink:
| Attribute | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Plastic/Brass) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Thermal Resistance Performance
Thermal resistance ($\text{°C/W}$) determines how efficiently the heat sink dissipates heat at various airflow speeds (measured in Linear Feet per Minute - LFM).
| Air Velocity (LFM) | 100 (0.5 m/s) | 300 (1.5 m/s) | 500 (2.5 m/s) | 700 (3.5 m/s) |
| :--- | :--- | :--- | :--- | :--- |
| **Unducted Flow** | 22.48 °C/W | 10.34 °C/W | 5.80 °C/W | 4.09 °C/W |
| **Ducted Flow** | 4.34 °C/W | 2.74 °C/W | 2.22 °C/W | 1.96 °C/W |
---
### 3. Dimensional Data
Precise sizing is critical for PCB layout and avoiding interference with surrounding electronic components.
| Dimension | Value (mm) |
| :--- | :--- |
| **Width (A)** | 35.00 mm |
| **Length (B)** | 35.00 mm |
| **Height (C)** | 10.00 mm |
| **Pitch (E)** | 40.00 mm |
| **Pitch (F)** | 40.00 mm |
---
### 4. Key Electronic Applications
* **Integrated Circuits (ICs):** Used on BGA (Ball Grid Array) packages for processors.
* **Voltage Regulators:** Cooling VRMs on motherboards.
* **Telecommunications:** Cooling chips in routers and high-speed switches.
* **Embedded Systems:** Industrial PCs where space is limited but high thermal conductivity is required.
---
### 5. Technical Design Features
* **Fine Pitch Fin Design:** The "XC" pattern features straight fins that provide a large surface area for heat exchange relative to the small footprint.
* **Push-Pin Attachment:** Provides a secure, vibration-resistant mount with specific spring-loaded tension to ensure optimal contact with the die.
* **Pre-applied TIM:** The T766 thermal interface material ensures low contact resistance between the electronic component and the aluminum base without requiring manual paste application.
- ⤷
What is the difference between ducted and unducted flow for this heat sink?
- ⤷ Are there alternative push pin materials available for this specific model?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?