ATS-05G-40-C2-R0
AI

The **ATS-05G-40-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for efficient cooling of semiconductor devices like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 40.00 mm x 40.00 mm |
| **Height (H)** | 25.00 mm |
| **Attachment Method** | pushPIN™ (Spring-loaded plastic pins) |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 1.21 °C/W @ 200 LFM |
---
### 2. Key Components & Electronics Integration
#### A. The Heat Sink Body
The core is made of high-grade aluminum. It uses a "Straight Fin" design which is optimized for **forced air cooling**. In electronic circuits, this part sits directly on top of an Integrated Circuit (IC) to dissipate heat generated by electrical resistance.
#### B. The pushPIN™ Attachment System
Unlike adhesive-based heat sinks, the **-C2-R0** variant uses a mechanical attachment system:
* **Pins:** Two plastic push-pins that lock into pre-drilled holes in the PCB.
* **Springs:** Compression springs ensure constant, even pressure between the heat sink and the electronic chip, which is vital for maintaining a consistent thermal path.
#### C. Thermal Interface Material (TIM)
The "R0" designation typically implies the inclusion of a pre-applied **Thermal Interface Material (T766)**. This is a specialized electronic compound that fills microscopic air gaps between the chip surface and the aluminum base to improve heat transfer efficiency.
---
### 3. Usage Context in Electronics
In an electronic system, this part is used to prevent **thermal throttling** or hardware failure. It is commonly found in:
1. **Telecommunications:** Cooling network switches and routers.
2. **Industrial PCs:** Managing heat in fanless or high-airflow enclosures.
3. **Embedded Systems:** Protecting power-dense microcontrollers.
---
- ⤷
What is the significance of the 'Blue Anodized' finish in electronic cooling?
- ⤷ How does the pushPIN system compare to thermal adhesive tapes?
- ⤷ What are the PCB hole requirements for mounting this specific heat sink?