ATS-05G-71-C2-R0
AI

The **ATS-05G-71-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Push-Pin Heat Sink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal properties of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 6.69°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 20mm |
| **Fin Pattern** | Straight Fin |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the component's features:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **05**: Refers to the series or specific tooling.
* **G**: Indicates the material/fin type (typically Aluminum).
* **71**: Sequential identification for specific dimensions (45x45x20mm).
* **C2**: Thermal Interface Material (TIM) code; "C2" usually refers to **T766** high-performance thermal grease pre-applied to the base.
* **R0**: RoHS compliance status.
---
### 3. Key Electronic Functions
While the heat sink itself is passive (it does not consume electricity), its role in an electronic circuit is critical:
* **Thermal Dissipation**: It increases the surface area of the heat-generating component, allowing airflow (convection) to carry away heat more efficiently.
* **Push-Pin Mounting**: The "Push-Pin" system utilizes pre-drilled holes in the PCB. This provides a consistent downward pressure (clamping force), ensuring the Thermal Interface Material (TIM) fills all microscopic air gaps between the chip and the heat sink.
* **Thermal Interface Material (C2)**: The pre-applied T766 grease ensures low thermal resistance at the contact point, preventing "hot spots" that could damage sensitive silicon.
---
### 4. Application Use Cases
This specific heat sink is commonly found in:
1. **Telecommunications**: Cooling network switches and routers.
2. **Embedded Computing**: Industrial motherboards where high vibration resistance is needed (provided by the push-pin/spring mechanism).
3. **Power Electronics**: Cooling high-speed voltage regulators.
- ⤷
What are the PCB hole diameter requirements for this push-pin model?
- ⤷ How does the thermal resistance change at higher airflows (e.g.
- ⤷ 400 LFM)?
- ⤷ Is there a version of this heat sink with a different Thermal Interface Material (TIM)?