ATS-05H-129-C2-R0
AI

The **ATS-05H-129-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | push-PIN™ |
| **Fin Type** | XCUT (Straight Fins with cross-cuts) |
| **Dimensions** | 54mm x 54mm x 20mm |
| **Thermal Resistance** | 8.68°C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Components & Design Features
#### A. push-PIN™ Attachment
Unlike adhesive-based heat sinks, this model uses a **push-pin and spring mechanism**. This provides several advantages:
* **Constant Pressure:** The springs ensure uniform contact between the heat sink and the component, optimizing heat transfer.
* **Reliability:** It is more vibration-resistant than thermal tape.
* **Repairability:** The heat sink can be removed and reinstalled without damaging the PCB (Printed Circuit Board).
#### B. XCUT Fin Design
The "XCUT" geometry refers to straight fins that have been cut cross-wise. This design:
* Increases surface area for convection.
* Allows air to flow from multiple directions (omni-directional), making it ideal for systems where the airflow path is not perfectly straight.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied. This is a high-performance thermal pad that fills microscopic air gaps between the component die and the aluminum base, significantly reducing thermal impedance.
---
### 3. Thermal Performance Data
Performance varies based on the airflow (measured in Linear Feet per Minute - LFM) provided by system fans:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 8.68 |
| 300 (1.5 m/s) | 1.59 |
| 500 (2.5 m/s) | 1.14 |
| 700 (3.5 m/s) | 0.94 |
---
### 4. Application Use Cases
* **Embedded Systems:** Cooling processors in industrial computers.
* **Telecommunications:** Dissipating heat from high-speed networking chips.
* **Power Electronics:** Managing heat for large MOSFET arrays or voltage regulators.
- ⤷
What are the PCB hole requirements for the push-PIN attachment?
- ⤷ How does 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be customized for different height constraints?