ATS-05H-182-C2-R0
AI

The **ATS-05H-182-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series, designed for cooling electronic components such as CPUs, GPUs, or power transistors.
---
## 1. Technical Specifications
The part number defines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Heat Sink Type** | Push-pin Heat Sink |
| **Dimensions (L x W)** | 40mm x 40mm |
| **Height** | 15mm |
| **Pitch (Spacing)** | 45mm x 45mm |
| **Fin Pattern** | Straight Fin |
| **Attachment Method** | Push-Pin (Spring-loaded) |
---
## 2. Thermal Performance Data
Thermal resistance is measured in °C/W (Degrees Celsius per Watt). Lower values indicate better cooling efficiency.
| Airflow Velocity (LFM) | 100 (0.5 m/s) | 300 (1.5 m/s) | 500 (2.5 m/s) | 700 (3.5 m/s) |
| :--- | :--- | :--- | :--- | :--- |
| **Unducted Flow (°C/W)** | 7.51 | 3.98 | 3.08 | 2.63 |
| **Ducted Flow (°C/W)** | 3.70 | 2.63 | 2.22 | 1.98 |
---
## 3. Key Electronic Functions
While the heat sink itself does not have circuitry, its role in an electronic system is critical:
* **Thermal Management:** It increases the surface area of a semiconductor, allowing heat to dissipate into the surrounding air via convection.
* **Protection:** Prevents "Thermal Throttling" or permanent damage to ICs by keeping junction temperatures within safe operating limits.
* **EMI Shielding (Incidental):** Due to its aluminum construction, it can sometimes provide minor electromagnetic interference shielding for the component underneath.
---
## 4. Mechanical Integration
The "C2" and "R0" designations in the part number refer to the mounting hardware and material compliance:
* **Mounting:** Uses a **Push-Pin** system with a brass or plastic pin and a stainless steel spring. This provides consistent pressure for optimal thermal interface material (TIM) performance.
* **Compliance:** Fully **RoHS-6** compliant (Lead-free).
* **Interface:** Usually paired with a pre-applied thermal interface material (like T766) to fill microscopic air gaps between the chip and the heat sink.
---
- ⤷What type of Thermal Interface Material (TIM) is recommended for this heat sink?
- ⤷ Can this heat sink be used on a PCB with 3mm mounting holes?
- ⤷ How does 'Ducted Flow' differ from 'Unducted Flow' in these specifications?