ATS-05H-40-C2-R0
AI

The **ATS-05H-40-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed by Advanced Thermal Solutions (ATS). It is used to dissipate heat from electronic integrated circuits (ICs), such as CPUs, GPUs, or power transistors.
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-05H-40-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 15.00mm |
| **Thermal Resistance** | 14.56°C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### Key Design Features
#### 1. Heat Sink Type: pushPIN™
This part utilizes the proprietary **pushPIN™** attachment system. This mechanism provides a secure and standardized mounting method, ensuring consistent pressure on the electronic component to optimize thermal transfer. It includes a flexible spring-loaded pin that snaps into the PCB.
#### 2. Fin Configuration: XC-CUT
The "H" in the part number indicates a specific fin pattern. These are high-density fin arrays designed to maximize surface area within a small footprint. The **XC-CUT** design allows for cross-flow ventilation, making it effective in systems where airflow might come from multiple directions.
#### 3. Material and Coating
* **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodization layer protects the aluminum from corrosion and slightly improves radiant heat emissivity.
#### 4. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base. This eliminates the need for manual application of thermal paste and ensures that there are no air gaps between the heat-generating component and the heatsink base.
---
### Application in Electronics
This heatsink is typically found in:
* **Telecommunications:** Networking switches and routers.
* **Industrial PC:** Embedded boards requiring low-profile cooling.
* **Power Electronics:** Cooling MOSFETs or voltage regulators that generate significant heat in a 45mm x 45mm area.
- ⤷
What are the advantages of pushPIN™ over traditional adhesive mounting?
- ⤷ How does the LFM (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ Can this heatsink be used on a PCB with a different hole pattern?