ATS-05H-75-C3-R0
AI

The **ATS-05H-75-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
Below are the primary mechanical and thermal specifications for this part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Base Dimensions** | 25mm x 25mm |
| **Height** | 30mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 1.57°C/W (at 200 LFM) |
---
## 2. Key Components & Design Features
### A. Fin Geometry (Straight Fin)
The "75" in the part number indicates the specific fin density and arrangement. Straight fin heat sinks are optimized for **forced air cooling** (fans). The vertical channels allow air to flow through with minimal pressure drop, maximizing surface area contact.
### B. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this model uses a mechanical mounting system:
* **Springs:** Ensure constant, high pressure on the component for maximum heat transfer.
* **Plastic/Brass Pins:** Secure the heat sink through pre-drilled holes in the PCB.
* **Reliability:** This method is preferred in high-vibration environments compared to thermal tape.
### C. Thermal Interface Material (TIM)
The **C3** designation indicates that the part comes with **T766 Phase Change Material** or a similar high-performance thermal pad pre-applied to the base. This fills microscopic air gaps between the component and the heat sink.
---
## 3. Performance Summary
The efficiency of the ATS-05H-75-C3-R0 depends heavily on the airflow (Measured in Linear Feet per Minute - LFM):
1. **Low Airflow (200 LFM):** Provides a thermal resistance of approximately **1.57°C/W**.
2. **High Airflow (700 LFM):** Efficiency increases significantly, dropping resistance to roughly **0.70°C/W**.
---
## 4. Common Applications
* **Embedded Systems:** Small form-factor industrial PCs.
* **Telecommunications:** Networking switches and routers.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
- ⤷
What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate if the 1.57°C/W thermal resistance is sufficient for my CPU?
- ⤷ What are the PCB hole diameter requirements for the pushPIN™ attachment?