ATS-05H-79-C2-R0
AI

The **ATS-05H-79-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for cooling electronic components like CPUs, GPUs, FPGAs, and ASICs.
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 25mm x 25mm x 30mm |
| **Thermal Resistance** | 2.63°C/W @ 100 LFM |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Type** | Cross-Cut (Pin Fin) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Component Features
#### A. Pin Fin Design (Cross-Cut)
The "H" in the series designation typically refers to a **high-efficiency pin fin** or cross-cut pattern. Unlike traditional straight fins, pin fins allow for omnidirectional airflow, meaning the cooling efficiency remains high regardless of which direction the fan is blowing across the board.
#### B. pushPIN™ Attachment
The part uses a **spring-loaded push-pin** mechanism. This is critical for electronics because:
* It ensures consistent pressure across the surface of the chip.
* It prevents damage to the silicon die or the solder balls (BGA) beneath the chip.
* The plastic pins (usually 2 or 4) snap into pre-drilled holes in the PCB.
#### C. Thermal Interface Material (TIM)
The **C2** suffix indicates that the heat sink comes with **T766** thermal interface material pre-applied to the base. This eliminates the need for manual application of thermal paste and ensures optimal heat transfer from the electronic component to the aluminum fins.
---
### 3. Part Number Breakdown (Nomenclature)
Understanding the code helps in identifying specific variants:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Manufacturer) |
| **05** | Series Number |
| **H** | Fin Height/Density Profile |
| **79** | Specific Dimension/Geometry ID |
| **C2** | Color/Finish & TIM Type (Blue Anodized + T766) |
| **R0** | Revision code |
---
### 4. Application Use Cases
This heat sink is commonly used on:
* **Networking Hardware:** Routers and switches where space is tight but heat generation is high.
* **Embedded Systems:** Industrial PCs where mechanical vibration resistance is required (provided by the push-pins).
* **Power Modules:** Regulating heat for DC-DC converters.
- ⤷What are the mounting hole requirements for the pushPIN system on a PCB?
- ⤷ How does the thermal resistance of this part change with different airflow speeds?
- ⤷ What is the difference between the C2 and C1 suffixes for ATS heat sinks?