ATS-06A-01-C2-R0
AI

The **ATS-06A-01-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "Blue Ice" series, designed primarily for cooling electronic components such as processors, FPGAs, and ASICs.
### 1. Technical Specifications
Below are the primary technical parameters for this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-06A-01-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 21.90°C/W @ (Natural Convection) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 10.00mm |
| **Fin Style** | Straight Fin |
---
### 2. Key Component Features
#### A. Thermal Interface Material (TIM)
The "C2" suffix indicates that this model comes pre-applied with **T766 Phase Change Material**.
* **Function:** It fills the microscopic air gaps between the heat sink base and the electronic component (CPU/GPU) to maximize heat transfer.
* **Benefit:** Eliminates the need for external thermal paste application during assembly.
#### B. Attachment Mechanism (Push-Pins)
The "R0" designation refers to the mounting hardware.
* **System:** It uses a brass or plastic push-pin with a compression spring.
* **Functionality:** This provides consistent pressure (load) on the component, which improves thermal performance and ensures the heat sink remains secure during mechanical shocks or vibrations.
#### C. Heat Sink Geometry
* **Straight Fins:** The fins are arranged in a parallel, straight configuration. This is optimized for **forced air cooling** (where a fan is blowing air across the fins) but can also work in natural convection environments.
* **Material:** Extruded aluminum is used for its excellent balance between thermal conductivity, weight, and cost.
---
### 3. Application Use-Cases
This specific heat sink size (40x40mm) is standard for many electronic integrated circuits:
* **Network Switches/Routers:** Cooling the main processing chipset.
* **Industrial Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
* **Embedded Systems:** Used on development boards or SBCs (Single Board Computers).
---
### 4. Thermal Performance Data
*Measured at different air flow rates (LFM - Linear Feet per Minute):*
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 | 12.10 |
| 400 | 8.10 |
| 600 | 6.20 |
---
- ⤷How do I calculate if the 21.90°C/W resistance is sufficient for my chip's TDP?
- ⤷ What is the specific hole pattern required on the PCB for these push-pins?
- ⤷ Are there alternative attachment methods like thermal tape for this model?