ATS-06A-07-C2-R0
AI

The **ATS-06A-07-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, which is specifically designed to provide high thermal performance in restricted airflow environments.
### 1. Technical Specifications
The following table highlights the core physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Thermal Resistance** | 1.70°C/W @ 200 LFM |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W)** | 45.00mm x 45.00mm |
| **Height** | 22.86mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Electronic & Mechanical Components
#### A. The Fin Design (maxiFLOW™)
Unlike standard straight-fin heat sinks, the **maxiFLOW™** geometry features a tapered "flared" fin design.
* **Function:** This increases the surface area for heat dissipation while minimizing the pressure drop.
* **Electronic Context:** It is ideal for high-density PCBs where airflow might be obstructed by other tall components (like capacitors or inductors).
#### B. pushPIN™ Attachment Mechanism
The "06A" in the part number indicates a specific push-pin configuration.
* **Components:** It consists of a brass or plastic pin and a high-performance compression spring.
* **Purpose:** It ensures a precise "clamping force" (pressure) on the electronic chip (CPU, FPGA, or ASIC). This pressure is critical to minimizing the air gaps between the chip and the heat sink.
#### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied to the base.
* **Function:** TIM is a conductive paste/pad that fills microscopic air gaps between the electronic component's package and the aluminum heat sink.
* **Benefit:** T766 is designed for high thermal conductivity and long-term stability under fluctuating electronic loads.
---
### 3. Application Use-Cases
This heat sink is typically found in high-reliability electronic systems, including:
1. **Telecommunications:** Cooling of high-speed optical transceivers.
2. **Embedded Systems:** Dissipating heat from FPGAs and ARM-based processors.
3. **Power Electronics:** Cooling of DC-DC converters and power modules.
- ⤷
What are the specific advantages of the maxiFLOW™ fin geometry over straight fins?
- ⤷ How do I calculate the correct pushPIN™ tension for my specific PCB thickness?
- ⤷ Can the T766 thermal interface material be replaced with a different compound for higher heat loads?