ATS-06A-27-C2-R0
AI

The **ATS-06A-27-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. It is designed to dissipate heat from surface-mount components like CPUs, GPUs, or FPGAs.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature used by Advanced Thermal Solutions.
| Specification | Details |
| :--- | :--- |
| **Component Type** | Heatsink (Passive Cooling) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (with springs) |
| **Thermal Resistance** | 12.24°C/W (undirected flow) |
| **Dimensions** | 70mm x 70mm x 12.7mm |
| **Fin Style** | Straight Fin |
---
### 2. Physical Design & Construction
* **The Base:** A flat aluminum plate that makes direct contact with the electronic chip.
* **The Fins:** Straight-cut vertical fins increase the surface area available for convective heat transfer. The low profile (12.7mm height) makes it ideal for dense server racks or small form factor enclosures.
* **Push-Pin Mechanism:** It utilizes a pre-assembled push-pin and brass spring mechanism. This ensures a consistent downward force (pressure) on the chip, which is critical for maximizing thermal interface material (TIM) performance.
---
### 3. Electronic Application
This part is crucial for maintaining the **junction temperature** of high-speed electronic components. Without this heatsink, sensitive silicon components would encounter:
1. **Thermal Throttling:** The component slows down its clock speed to reduce heat.
2. **Permanent Damage:** Excess heat can lead to "latch-up" or physical degradation of the semiconductor layers.
3. **Reduced Lifespan:** According to Arrhenius's Law, electronic component reliability decreases significantly as temperature increases.
---
### 4. Thermal Interface Material (TIM)
The "R0" at the end of the part number typically indicates the version of the **Thermal Interface Material** pre-applied to the base. This material fills microscopic air gaps between the heatsink and the electronic package to ensure efficient heat conduction.
- ⤷
What are the benefits of push-pin mounting over adhesive tapes for heatsinks?
- ⤷ How does 'Blue Anodized' finishing affect the thermal performance of this part?
- ⤷ What is the recommended airflow (LFM) for the ATS-06A-27-C2-R0?