Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-06A-32-C2-R0

  • AI
    The **ATS-06A-32-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the *pushPIN™* series and is designed for cooling integrated circuits (ICs) and other electronic components. --- ### 1. Technical Specifications The following table outlines the physical and thermal characteristics of the component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Material** | Aluminum (Blue Anodized) | | **Fin Type** | Straight Fin | | **Attachment Method** | pushPIN™ (Spring-loaded bolts) | | **Dimensions** | 54mm x 54mm x 12.7mm | | **Thermal Resistance** | 21.46° C/W (@ 100 LFM) | | **Pressure Flow** | 1.17° C/W (@ 700 LFM) | | **Compliance** | RoHS and REACH Compliant | --- ### 2. Design Breakdown #### A. The Fin Profile The heat sink utilizes a **straight-fin** design. This is optimized for systems where there is a consistent, directional airflow. The fin density and height (12.7mm) provide a large surface area for heat dissipation while maintaining a low profile for space-constrained PCB layouts. #### B. The pushPIN™ Attachment System Unlike adhesive-based heat sinks, this model uses a mechanical fastening system: - **Springs:** Provides consistent pressure (Pre-assembled) to ensure maximum contact with the component. - **Hardware:** Uses brass or plastic pins that snap into pre-drilled holes in the PCB. - **Reliability:** Prevents the heat sink from shifting due to mechanical shock or vibration. #### C. Thermal Interface Material (TIM) The "R0" suffix usually denotes that the part comes with **T766** thermal phase change material pre-applied to the base. This ensures that air gaps between the heat sink and the chip are filled, maximizing heat transfer. --- ### 3. Application Use Cases The ATS-06A-32-C2-R0 is typically used in the following electronic environments: 1. **Telecommunications:** Cooling high-speed processors in routers and switches. 2. **Embedded Systems:** Thermal management for SoCs (System on Chips). 3. **Power Electronics:** Dissipating heat from high-wattage voltage regulators. --- ### 4. Part Number Decoder Understanding the nomenclature helps in selecting variations: | Segment | Meaning | | :--- | :--- | | **ATS** | Advanced Thermal Solutions | | **06** | Series Type | | **A** | Aluminum Material | | **32** | Specific design/size code | | **C2** | Thermal performance/fin characteristic | | **R0** | Finish and Interface Material (Blue Anodized / T766 TIM) |
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole diameter requirements for the pushPIN attachment?
    • ⤷ How does this model compare to the ATS-06A-32-C1-R0 in terms of thermal performance?
    • ⤷ Can this heat sink be used in a passive cooling environment without fans?