ATS-06A-34-C2-R0
AI

The **ATS-06A-34-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components. It is manufactured by *Advanced Thermal Solutions, Inc.*
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-06A-34-C2-R0 |
| **Type** | Board Level Heatsink (Top Mount) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 6.73°C/W (@ 100 LFM) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 25.00mm |
| **Fin Style** | Cross-Cut (Square Pin) |
---
### Key Components and Features
#### 1. Material and Finish
The unit is made from **Aluminum 6063**, which offers high thermal conductivity while remaining lightweight. The **Blue Anodized** finish is not just aesthetic; it provides surface protection against corrosion and slightly increases emissivity for better radiant heat transfer.
#### 2. pushPIN™ Attachment System
This part uses a proprietary attachment system consisting of:
* **Brass Bolts/Pins:** Provide a secure mechanical connection to the PCB.
* **Stainless Steel Springs:** Ensure constant, even pressure (compression) on the electronic component to maximize thermal interface material (TIM) performance.
#### 3. Fin Design (Cross-Cut)
The heatsink features a **Cross-Cut** pattern. Unlike straight-fin heatsinks, cross-cut fins allow for:
* **Omnidirectional Airflow:** It can receive cooling air from any direction, making it ideal for cramped PCB layouts where airflow patterns are unpredictable.
* **Increased Surface Area:** The "pin" structure maximizes the area available for heat dissipation into the air.
#### 4. Thermal Interface Material (TIM)
The "C2" in the part number typically denotes that it comes pre-applied with a high-performance thermal interface material (like T766) to ensure there are no air gaps between the chip and the aluminum base.
---
### Typical Applications
* **Processors (CPUs/GPUs):** For small-scale embedded systems.
* **FPGA & ASICs:** Cooling high-speed logic gates.
* **Power Supplies:** Managing heat in voltage regulators.
* **Telecommunications:** Networking gear that requires reliable passive or active cooling.
- ⤷
What is the difference between Blue Anodized and Black Anodized finishes in terms of thermal performance?
- ⤷ How do I calculate if the 6.73°C/W thermal resistance is sufficient for my specific chip?
- ⤷ Can the pushPIN attachment be reused if I need to replace the component?