ATS-06A-40-C2-R0
AI

The **ATS-06A-40-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. Unlike active electronic components (like ICs), this is a passive mechanical part designed to manage the thermal output of electronic devices such as BGA (Ball Grid Array) processors.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Product Category** | Heat Sink (Passive Cooling) |
| **Series** | pushPIN™ |
| **Base Dimensions** | 45.00 mm x 45.00 mm |
| **Height** | 25.00 mm |
| **Fin Style** | Straight Fin |
| **Attachment Method** | Push-Pin (Plastic) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 1.45 °C/W (@ 100 LFM) |
---
## 2. Key Design Elements
### A. Material and Coating
* **Aluminum Construction:** Provides a lightweight solution with high thermal conductivity.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodization layer protects the aluminum from corrosion and slightly improves heat radiation.
### B. The pushPIN™ Attachment System
This specific model uses the **ATS pushPIN™** system, which is critical for PCB assembly:
* **Spring-loaded mechanisms:** Ensures even pressure across the processor surface (TIM - Thermal Interface Material).
* **Hardware:** It typically uses brass or plastic pins with stainless steel springs.
* **Hole Pattern:** Designed for specific pitch requirements on a PCB to ensure stability during vibration or shipping.
### C. Thermal Performance (LFM - Linear Feet per Minute)
The efficiency of the heat sink depends on the airflow provided by the system fan.
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 1.45 |
| 200 (1.0 m/s) | 0.90 |
| 300 (1.5 m/s) | 0.70 |
---
## 3. Applications
This part is commonly used in industrial and telecommunication hardware where high-density electronics generate significant heat:
* **Networking Switches:** Cooling high-speed ASICs.
* **Embedded Systems:** For industrial PCs (IPCs) or automation controllers.
* **Power Supplies:** Cooling MOSFETs or power modules.
---
## 4. Complementary Parts
To use this part in an electronic assembly, you typically require:
1. **Thermal Interface Material (TIM):** Pre-applied phase-change material or thermal grease to bridge the gap between the chip and the heat sink.
2. **PCB Mounting Holes:** The circuit board must be designed with specific drill holes to accommodate the push-pin spacing.
- ⤷
What is the exact hole-to-hole spacing for the push-pin mounting on this model?
- ⤷ How does the straight fin design compare to a cross-cut fin design for this surface area?
- ⤷ Is there a version of this heat sink available with a pre-applied thermal interface material?