AI

The **ATS-06A-41-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, which is specifically designed to handle the thermal management of high-power electronic components such as processors, FPGAs, and ASICs.
---
## 1. Technical Specifications
The following table summarizes the primary physical and thermal characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 17.5mm |
| **Thermal Resistance** | 3.45 °C/W (at 200 LFM) |
| **Attachment Method** | maxiGRIP™ (Steady pressure clip) |
| **Interface Material** | T766 (Thermal Tape) |
| **Fin Type** | High-performance Tapered Fins |
---
## 2. Key Electronic & Mechanical Features
### A. Tapered Fin Design (maxiFLOW™)
Unlike standard straight-fin heat sinks, the **maxiFLOW™** geometry features a flared, tapered fin design.
- **Efficiency:** This maximizes the surface area for radiant cooling.
- **Airflow:** It reduces pressure drop, allowing air to pass through more easily even in high-density electronic assemblies.
### B. maxiGRIP™ Attachment System
One of the most critical aspects of this part is how it interacts with the PCB (Printed Circuit Board):
- **Tool-less Installation:** It uses a plastic frame clip and a stainless steel spring clip.
- **No Holes Required:** It attaches directly to the component without requiring holes in the PCB, saving valuable routing space.
- **Consistent Pressure:** It ensures even contact between the heat sink and the chip, which is vital for thermal transfer.
### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T766 thermal tape**. This provides the necessary bridge to conduct heat from the silicon die to the aluminum fins, ensuring there are no air gaps (which act as insulators).
---
## 3. Common Applications
This heat sink is typically found in:
* **Networking Equipment:** Routers, switches, and base stations.
* **Industrial Computing:** Embedded systems that run in high-temperature environments.
* **Power Supplies:** Cooling high-output voltage regulators.
* **Telecom:** High-speed data processing units.
---
- ⤷
What are the different attachment options available for the maxiFLOW series?
- ⤷ How does the pressure drop of a tapered fin heat sink compare to a straight fin design?
- ⤷ Is the T766 thermal tape replaceable with high-performance thermal paste?