ATS-06A-46-C2-R0
AI

The **ATS-06A-46-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" attachment series designed for cooling electronic components like CPUs, GPUs, or high-power ASICs.
### 1. Technical Specifications
The following table summarizes the key physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Fin Type** | Straight Fin (High Density) |
| **Attachment Type** | Push Pin (with 27.0mm hole spacing) |
| **Dimensions (L x W x H)** | 25mm x 25mm x 25mm |
| **Thermal Resistance** | 11.57°C/W (at 200 LFM) |
| **Thermal Interface Material** | T766 (High Performance Phase Change) |
---
### 2. Design Components
The "electronic parts" of this assembly are not active circuits, but rather mechanical-thermal components engineered for high-reliability heat dissipation:
* **Heat Sink Body:** Extruded aluminum optimized for surface area. The high-aspect-ratio fins are designed to maximize heat transfer to the surrounding air.
* **Push Pin Mechanism:** Uses a spring-loaded brass or plastic pin. This ensures consistent pressure (clamping force) against the electronic chip, which is critical for maximizing thermal conductivity.
* **T766 Phase Change Material (PCM):** Pre-applied to the base. This material softens when heated, filling microscopic air gaps between the chip and the heat sink to reduce thermal resistance.
---
### 3. Part Number Breakdown
The part number follows a specific nomenclature:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Manufacturer) |
| **06** | Part Series (Push Pin Heat Sink) |
| **A** | Aluminum Material |
| **46** | Specific Fin Density/Design Configuration |
| **C2** | Thermal Interface Material Code (T766) |
| **R0** | RoHS Compliance Revision |
---
### 4. Application Use Cases
This part is typically used in the following electronic environments:
1. **Networking Hardware:** Cooling high-speed controllers in routers and switches.
2. **Embedded Systems:** Industrial PCs where space is limited but vertical clearance is available (25mm height).
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What are the different types of Push Pin materials used for this series?
- ⤷ How does the T766 interface material compare to standard thermal grease?
- ⤷ What is the recommended airflow direction for straight fin heat sinks?