ATS-06A-80-C2-R0
AI

The **ATS-06A-80-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" series designed for cooling electronic components like CPUs, GPUs, and power modules.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal properties:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 30mm x 30mm x 25mm |
| **Fin Style** | Straight Fin |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 7.03°C/W @ 200 LFM |
| **Spring Type** | Compression Spring |
---
### 2. Design Characteristics
This component is engineered for efficient heat dissipation in compact environments:
* **Straight Fin Geometry:** This design provides a large surface area for airflow. It is most effective when used with a dedicated cooling fan or within a chassis with forced air convection.
* **Blue Anodization:** The surface treatment is not just for aesthetics; the anodized layer increases emissivity and provides a degree of corrosion resistance and electrical insulation.
* **Push-Pin Mounting:** Unlike adhesive-based heat sinks, this uses a mechanical push-pin system. This ensures consistent pressure against the chip, improving the effectiveness of the Thermal Interface Material (TIM).
---
### 3. Application Use Cases
The **ATS-06A-80-C2-R0** is typically used on the following types of electronic parts:
* **Integrated Circuits (ICs):** Large FPGAs or ASICs used in networking equipment.
* **Voltage Regulators:** High-power VRMs that generate significant waste heat.
* **Embedded Systems:** Industrial PCs where mechanical stability (vibration resistance) is required.
---
### 4. Installation Requirements
To use this part effectively, the PCB must have:
1. **Pre-drilled Holes:** Specifically spaced to match the 30mm footprint.
2. **Thermal Interface Material (TIM):** A thermal pad or paste must be applied between the chip and the heat sink base to fill microscopic air gaps.
- ⤷
What are the specific hole patterns required for the ATS-06A series?
- ⤷ How does the thermal resistance of this model change at higher airflow rates?
- ⤷ Can the plastic push-pins be replaced with brass or metal versions for high-vibration environments?