ATS-06A-84-C2-R0
AI

The **ATS-06A-84-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "superGRIP" series, designed specifically for high-airflow cooling of electronic components like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | superGRIP (Clip-on) |
| **Fin Style** | Straight Fin |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 25.00mm |
| **Thermal Resistance** | 6.96°C/W @ 200 LFM |
| **Flow Orientation** | Horizontal (Side-to-Side) |
| **RoHS Status** | Compliant |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows a specific naming convention used by Advanced Thermal Solutions:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **06A**: Series/Designation (superGRIP high-performance series).
* **84**: Specific profile/fin configuration within that series.
* **C2**: Material and Finish (typically refers to the Aluminum material and Blue Anodized finish).
* **R0**: Version/Revision number.
---
### 3. Key Electronic Components & Features
#### A. Attachment Mechanism (superGRIP™)
One of the primary "electronic" benefits of this part is the **clip-on mechanism**.
* It uses a plastic frame clip that snaps onto the component perimeter.
* It utilizes a **stainless steel spring clip** to provide constant pressure.
* **Advantage:** No holes are required in the Printed Circuit Board (PCB), saving valuable routing space.
#### B. Thermal Interface Material (TIM)
The "C2" variant typically comes pre-applied with high-performance thermal tape or a phase-change material. This ensures:
* Minimal air gaps between the chip and the heat sink.
* Efficient heat transfer from the silicon die to the aluminum fins.
#### C. Aerodynamics
The **straight fin design** is optimized for systems with high-velocity airflow (measured in Linear Feet per Minute - LFM). The spacing between the fins is engineered to prevent "pressure drop" while maximizing the surface area exposed to the air.
---
### 4. Typical Applications
This heat sink is commonly found in:
* **Telecommunications:** High-speed routers and switches.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Cooling MOSFETs or power regulators.
- ⤷
What is the maximum LFM rating for this heat sink?
- ⤷ Are there alternative attachment methods for the 30x30mm size?
- ⤷ How does the thermal resistance change at higher airflows?