ATS-06A-89-C2-R0
AI

The **ATS-06A-89-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "Blue Anodized" series, specifically designed for cooling electronic components like CPUs, GPUs, and other high-heat surface-mount devices.
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 20.00mm |
| **Thermal Resistance (Unducted)** | 7.94 °C/W @ 100 LFM |
| **Fin Pitch** | Fine Pitch |
| **Fin Pattern** | Straight |
---
### 2. Key Electronic Components & Design Features
#### A. pushPIN™ Attachment System
The "R0" suffix indicates the use of the pushPIN™ attachment mechanism. This system is critical for electronic stability because:
* **Constant Pressure:** It ensures uniform pressure across the component (like a processor), optimizing thermal interface material (TIM) performance.
* **Vibration Resistance:** It provides secure mounting that resists loosening due to mechanical shock or vibration.
* **Pre-assembled Springs:** Uses a compression spring to prevent over-tightening, which could crack delicate silicon dies.
#### B. Thermal Interface Material (TIM)
This specific part number typically comes pre-applied with **ATS-PPS-06** or a high-performance thermal pad. This eliminates the need for manual application of thermal paste and ensures air gaps between the heat sink and the chip are minimized.
#### C. Fin Design
The straight-fin design is optimized for **forced air cooling** (fans). The high density of fins increases the surface area, allowing heat to dissipate rapidly from the aluminum base into the surrounding airflow.
---
### 3. Usage Context
This part is commonly found in the following electronic environments:
1. **Telecommunications:** Cooling signal processors in networking hubs.
2. **Embedded Systems:** Industrial PCs where thermal throttling must be avoided.
3. **Power Electronics:** Dissipating heat from high-speed switching transistors or voltage regulators.
- ⤷
What are the different types of pushPIN attachment options for this series?
- ⤷ How does the 'Blue Anodized' finish affect the thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used for passive cooling without a fan?