ATS-06A-90-C2-R0
AI

The **ATS-06A-90-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed specifically for high-velocity airflow environments to cool electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Anodized Blue) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 6.36 °C/W (at 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
---
### 2. Key Electronic & Physical Design Components
#### A. The Fin Geometry (maxiFLOW™)
The "electronic" performance of this part relies on its **tapered fin design**. This shape maximizes the surface area while reducing pressure drop. In high-density electronic assemblies, this allows air to flow more freely through the fins, pulling heat away from the silicon die more efficiently than standard straight-fin heat sinks.
#### B. pushPIN™ Attachment System
The part uses a mechanical attachment system consisting of:
* **Plastic/Brass Pins:** Designed to fit into pre-drilled holes on the PCB.
* **Compression Springs:** These provide precise, uniform pressure (clamping force) across the electronic component. This is critical for maintaining consistent contact with the heat source and preventing PCB warping.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates the use of **T766** thermal grease.
* **Function:** It fills microscopic air gaps between the component's heat spreader and the aluminum heat sink base.
* **Importance:** Air is a poor conductor; the TIM ensures a high-conductivity thermal path to prevent the electronic component from throttling or failing due to heat.
---
### 3. Application Use Cases
This specific heat sink is typically used for:
1. **Network Switches/Routers:** Cooling ASICs that handle high data throughput.
2. **Power Supplies:** Managing heat in voltage regulator modules (VRMs).
3. **Industrial Controllers:** Protecting microprocessors in rugged environments.
---
- ⤷
What are the specific advantages of the pushPIN™ system over adhesive tapes?
- ⤷ How does the 'R0' suffix affect the RoHS compliance of this part?
- ⤷ Can this heat sink be used in natural convection environments without a fan?