ATS-06B-08-C3-R0
AI

The **ATS-06B-08-C3-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink designed for thermal management in electronic systems.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Fin Type** | Push-Pin (Straight Fin) |
| **Thermal Resistance** | 14.61° C/W (Natural Convection) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 15.00mm |
| **Attachment Method** | Push-Pin with Springs |
| **Thermal Interface Material** | T412 (Phase Change Material) |
---
### 2. Detailed Part Breakdown
#### A. Thermal Performance
The "C3" designation typically refers to a specific performance tier within the ATS product line. This heat sink is optimized for high-density electronic packaging.
* **Low Airflow:** It is designed to work efficiently in low-velocity airflow environments.
* **Thermal Resistance:** As airflow increases (measured in LFM - Linear Feet per Minute), the thermal resistance drops significantly, allowing for more heat dissipation.
#### B. Mechanical Attachment (Push-Pin)
Unlike adhesive-based heat sinks, the ATS-06B-08-C3-R0 uses a **Push-Pin** mounting system:
* **Reliability:** Provides constant pressure on the processor/chip, ensuring consistent contact with the Thermal Interface Material (TIM).
* **Durability:** The pins are usually made of brass or plastic with a stainless steel spring to resist mechanical shock and vibration.
* **Installation:** Requires pre-drilled holes in the PCB (Printed Circuit Board).
#### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T412**. This is a high-performance thermal tape/wax that fills the microscopic air gaps between the chip surface and the heat sink base, maximizing heat transfer.
---
### 3. Common Applications
This specific size and thermal profile make it ideal for:
1. **BGA (Ball Grid Array) Components:** Large processors or FPGAs.
2. **Telecommunications:** Networking switches and routers.
3. **Industrial PC:** Embedded systems that require passive or semi-active cooling.
4. **Power Supplies:** Cooling voltage regulators or power transistors.
---
- ⤷
What are the PCB hole requirements for the push-pin mounting of this heat sink?
- ⤷ How does the thermal resistance of this part change at 200 LFM airflow?
- ⤷ Is there a version of this heat sink with a different height or thermal interface material?