ATS-06B-09-C2-R0
AI

The **ATS-06B-09-C2-R0** is a specific part number for a high-performance thermal management solution manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to their **blueICE™** or **push-pin** heat sink series, designed primarily for cooling electronic components like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
The following table breaks down the physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 10.58°C/W (at 100 LFM) |
| **Dimensions (L x W)** | 45.00mm x 45.00mm |
| **Height** | 20.00mm |
| **Thermal Interface (TIM)** | T766 (Pre-applied) |
---
### 2. Breakdown of the Part Number
The part number follows a structured nomenclature that describes the heat sink's physical attributes:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **06B**: Part series (identifies the fin geometry and base design).
* **09**: Specific height/design iteration (20mm height in this case).
* **C2**: Color and Finish (C2 typically indicates a Blue Anodized finish).
* **R0**: Revision or packaging code.
---
### 3. Key Electronic Cooling Features
#### High-Performance Fin Design
The heat sink utilizes a **cross-cut** or **straight fin** geometry (depending on the specific revision) optimized for "impingement" cooling. This maximizes surface area for heat dissipation while maintaining a low profile.
#### Mechanical Attachment
Instead of using messy adhesives or thermal tape, the **R0** variant uses a **push-pin and spring mechanism**. This offers several advantages for electronics:
1. **Reliable Pressure:** Ensures consistent contact between the component and the heat sink.
2. **Vibration Resistance:** Suitable for environments with mechanical shock.
3. **Removability:** Can be removed for maintenance or component replacement without damaging the PCB.
#### Thermal Interface Material (TIM)
The unit comes pre-applied with **T766**, a high-performance phase-change material. This fills the microscopic air gaps between the component die and the aluminum base, significantly reducing thermal impedance.
---
### 4. Ideal Applications
This part is commonly found in:
* **Network Switches/Routers:** Cooling high-speed processing chips.
* **Industrial PCs:** Where passive or forced-air cooling is required in tight spaces.
* **Power Supplies:** Cooling MOSFETs or power regulators.
- ⤷
What are the airflow requirements to reach the 10.58°C/W thermal resistance?
- ⤷ Does this heat sink support custom push-pin hole patterns on a PCB?
- ⤷ What is the operating temperature range for the T766 thermal interface material?