ATS-06B-121-C2-R0
AI

The **ATS-06B-121-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for cooling electronic components such as CPUs, GPUs, and other integrated circuits that require efficient thermal management.
---
### 1. Technical Specifications
The part belongs to the **push-pin** heat sink family, which ensures high reliability and consistent pressure for thermal interface materials.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Type** | Top Mount Heat Sink |
| **Attachment Method** | Push-pin (Plastic or Brass) |
| **Material** | Aluminum (Body), Copper (optional base variants) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height (H)** | 10.00mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | ~9.48°C/W (at 100 LFM) |
| **Finish** | Blue Anodized |
---
### 2. Key Design Elements
* **Straight Fin Geometry:** The vertical fins are optimized for unidirectional airflow. This design is best suited for systems with a dedicated cooling fan that moves air across the board.
* **Push-Pin Mounting:** Unlike adhesive-based heat sinks, this uses a spring-loaded push-pin system. This provides:
* **Consistent Pressure:** Ensures the thermal interface material (TIM) is compressed evenly.
* **Durability:** More secure than tape in high-vibration environments.
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766** or similar high-performance thermal grease to bridge the gap between the component and the heat sink.
---
### 3. Applications
The ATS-06B-121-C2-R0 is commonly found in the following electronic setups:
1. **Telecommunications:** Cooling chips in routers, switches, and base stations.
2. **Embedded Systems:** Industrial PCs where height constraints (10mm) are tight.
3. **Power Electronics:** Managing heat for MOSFETs or power regulators.
---
### 4. Thermal Performance Comparison
Thermal resistance decreases as the airflow (measured in Linear Feet per Minute - LFM) increases.
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 9.48 |
| 300 | 1.5 | 5.33 |
| 500 | 2.5 | 4.31 |
- ⤷What is the difference between push-pin and bolt-down heat sinks?
- ⤷ How do I calculate the required LFM for my specific processor?
- ⤷ Does the blue anodized finish impact thermal conductivity?