ATS-06B-126-C2-R0
AI

The **ATS-06B-126-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "blue ICE" series designed for thermal management of electronic components like CPUs, GPUs, and power modules.
---
### 1. Technical Specifications
Below are the primary mechanical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Mounting Type** | push-PIN |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 15.00mm |
| **Thermal Resistance** | 5.47°C/W (Unducted Flow @ 200 LFM) |
| **Weight** | 100 grams (approx.) |
| **Attachment Method** | ATS-PP-06 (Push-pins) |
| **Thermal Interface Material** | T412 (Pre-applied) |
---
### 2. Key Features and Components
* **Push-Pin Attachment:** The part uses a spring-loaded push-pin system. This ensures consistent pressure on the electronic chip, which is critical for maximizing heat transfer to the sink.
* **Thermal Interface Material (TIM):** It comes with a pre-applied **T412** coating. This eliminates the need for manual application of thermal paste and ensures a high-quality bond between the sink and the heat source.
* **Fin Geometry:** The "C2" series uses a high-efficiency fin structure designed to maximize surface area while maintaining a low profile (15mm), making it suitable for compact electronic enclosures.
---
### 3. Thermal Performance Profile
Thermal resistance determines how effectively the part dissipates heat. Performance varies based on the airflow (LFM - Linear Feet per Minute):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 (1.0 m/s)** | 5.47 |
| **400 (2.0 m/s)** | 3.10 |
| **600 (3.0 m/s)** | 2.50 |
---
### 4. Part Number Breakdown
Understanding the code **ATS-06B-126-C2-R0**:
1. **ATS:** Advanced Thermal Solutions (Manufacturer).
2. **06B:** Attachment style (Push-pin type).
3. **126:** Specific footprint and height configuration.
4. **C2:** Material/Performance grade (Aluminum, Blue Anodized).
5. **R0:** RoHS compliant/Revision status.
---
- ⤷
What are the PCB hole requirements for the ATS-PP-06 push-pin mounting?
- ⤷ How does the T412 thermal interface material compare to high-performance thermal grease?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?