ATS-06B-128-C2-R0
AI

The **ATS-06B-128-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 2.91°C/W @ 100 LFM (Linear Feet per Minute) |
| **Attachment Method** | pushPIN™ (Spring-loaded attachment) |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 25.00mm |
| **Fin Style** | Straight Fin |
---
### 2. Key Components & Features
#### A. pushPIN™ Attachment System
The "R0" suffix indicates the inclusion of the **pushPIN™** system. This is a pre-assembled attachment mechanism that includes:
* **Brass Springs:** Ensures consistent pressure (Force) across the thermal interface.
* **Plastic/Metal Push Pins:** Allows for tool-free or rapid installation into pre-drilled PCB holes.
#### B. Thermal Interface Material (TIM)
* The unit typically comes pre-applied with a **Thermal Interface Material**, which fills the microscopic air gaps between the heat sink base and the electronic component (die). This ensures maximum heat transfer efficiency.
#### C. Fin Design (Heat Dissipation)
* The heat sink utilizes a **straight-fin** geometry. This design is optimized for "forced air" cooling environments (where a fan is present). The vertical fins provide a high surface area to volume ratio, allowing air to flow through the channels and carry heat away.
---
### 3. Dimensional Analysis
Understanding the footprint is critical for PCB layout and mechanical clearance:
* **Height (25.00mm):** This is a medium-profile heat sink. It may interfere with components in ultra-compact (1U) server chassis but fits well in standard desktop or industrial enclosures.
* **Footprint (54mm x 54mm):** Designed for large integrated circuits or multi-chip modules.
---
### 4. Thermal Performance Comparison
Thermal resistance measures how effectively the part moves heat. Lower numbers are better.
| Airflow Rate (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 2.91 |
| 300 | 1.5 | 1.48 |
| 500 | 2.5 | 1.18 |
- ⤷
What are the specific hole patterns required on a PCB for the pushPIN attachment?
- ⤷ How does blue anodization affect the thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used for passive cooling without a fan?