ATS-06B-134-C2-R0
AI

The **ATS-06B-134-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific model:
| Property | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ HS |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 4.44°C/W (Unducted Flow @ 100 LFM) |
| **Attachment Method** | Push-Pin (Brass, Spring Loaded) |
| **Dimensions (L x W x H)** | 70.00mm x 70.00mm x 15.00mm |
| **Weight** | 120 grams |
---
### 2. Key Design Features
* **Fin Profile:** This model features a **Cross-Cut** or **Straight-Fin** design. This allows for multi-directional airflow, making it versatile for different fan orientations within an enclosure.
* **pushPIN™ Attachment:** Instead of messy adhesives or thermal tape, this part uses a mechanical push-pin system. This provides consistent pressure across the interface for optimal heat transfer.
* **Phase Change Material (TIM):** It typically comes with a pre-applied Thermal Interface Material (T766) to ensure there are no air gaps between the component and the heat sink.
* **Low Profile:** At only 15mm in height, it is specifically intended for slim electronic assemblies or 1U server racks where vertical space is limited.
---
### 3. Thermal Performance Analysis
Thermal resistance measures how effectively the part moves heat. Lower values indicate better cooling performance.
| Airflow (LFM) | Velocity (m/s) | Resistance (Unducted) | Resistance (Ducted) |
| :--- | :--- | :--- | :--- |
| 100 | 0.5 | 4.44 °C/W | 3.10 °C/W |
| 300 | 1.5 | 2.06 °C/W | 1.62 °C/W |
| 500 | 2.5 | 1.54 °C/W | 1.35 °C/W |
---
### 4. Typical Applications
* **Integrated Circuits (ICs):** Cooling FPGAs or ASICs in telecommunications.
* **Power Supplies:** Heat dissipation for high-voltage converters.
* **Embedded Systems:** Industrial PCs where mechanical stability is required via the push-pin mount.
- ⤷
What are the different push-pin materials available for this heat sink?
- ⤷ How do I calculate the junction temperature using the 4.44°C/W resistance value?
- ⤷ What is the benefit of blue anodized finish over natural aluminum?