ATS-06B-17-C2-R0
AI

The **ATS-06B-17-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. Contrary to complex integrated circuits, this part is a high-performance **Heat Sink** designed for thermal management in electronic assemblies.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by Advanced Thermal Solutions to define its dimensions and thermal properties.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ HS |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Dimensions** | 35.00mm x 35.00mm |
| **Height (Fin)** | 12.00mm |
| **Thermal Resistance** | 15.44°C/W (at 100 LFM) |
---
### 2. Design Characteristics
This component is designed to dissipate heat from surface-mount devices (SMDs) like CPUs, GPUs, or FPGAs.
* **Fin Style:** It features a **Straight Fin** design, which is optimized for airflow directed through the fins.
* **Push-Pin Mounting:** This model uses a push-pin mechanism with a brass or plastic pin and a stainless steel spring. This ensures consistent pressure (approx. 20psi) between the heat sink and the chip for maximum heat transfer.
* **Thermal Interface Material (TIM):** It typically comes with **T766** pre-applied thermal phase-change material to fill microscopic gaps between the heat sink and the electronic component.
---
### 3. Part Number Breakdown
Understanding the suffix helps in identifying the exact variant:
* **-06B:** Indicates the specific series and physical footprint.
* **-17:** Represents the height of the heatsink (12mm in this specific line).
* **-C2:** Refers to the thermal performance and material grade (Aluminum).
* **-R0:** Indicates the RoHS compliance status and revision.
---
### 4. Application Use Cases
1. **Telecommunications:** Cooling of high-speed networking chips.
2. **Embedded Systems:** Industrial PCs where space is limited but heat density is high.
3. **Power Electronics:** Managing heat for voltage regulators and power modules.
- ⤷
What is the difference between straight fin and cross-cut fin heat sinks?
- ⤷ How do I calculate the required thermal resistance for my specific chip?
- ⤷ Can the push-pin mounting be adjusted for different PCB thicknesses?