ATS-06B-173-C2-R0
AI

The **ATS-06B-173-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like processors, GPUs, and other high-heat surface-mount devices.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 30.0mm x 30.0mm x 30.0mm |
| **Fin Type** | Square-Cut (Cross-cut) |
| **Mounting Style** | Push Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | ~4.72°C/W (Unducted Flow @ 200 LFM) |
---
### 2. Key Electronic & Design Components
#### A. Thermal Interface Material (TIM)
The "R0" suffix in the part number indicates that the heat sink comes pre-applied with **T766 Phase Change Material**.
* **Function:** This material fills the microscopic air gaps between the heat sink base and the electronic component, significantly reducing thermal resistance.
#### B. Mounting Hardware (Push Pins)
This part utilizes a mechanical attachment system rather than adhesive tape.
* **Plastic Push Pins:** Designed to fit into pre-drilled holes in the Printed Circuit Board (PCB).
* **Compression Springs:** These ensure a consistent and precise amount of downward pressure (clamping force) on the chip, preventing damage while maintaining optimal thermal contact.
#### C. Fin Geometry
The "Square-Cut" or cross-cut design allows for **multi-directional airflow**. In complex electronic enclosures where the direction of the cooling fan's air might be unpredictable or turbulent, this design ensures the heat sink can dissipate heat effectively from any angle.
---
### 3. Common Applications
This specific size and thermal rating are typically used for:
* **BGA (Ball Grid Array) Components:** High-speed networking chips or FPGAs.
* **Power Supplies:** Cooling voltage regulators or power transistors.
* **Embedded Systems:** Industrial PCs where vertical space (30mm) is available for cooling.
- ⤷
What are the advantages of using push pins over thermal adhesive tape?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance?
- ⤷ Is there a low-profile version of this heat sink for compact electronics?