ATS-06B-188-C2-R0
AI

The **ATS-06B-188-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push-pin" series designed for efficient cooling of surface-mount components like BGA (Ball Grid Array) chips.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 15.00mm |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
| **Thermal Resistance** | 6.67°C/W (Unducted Flow @ 200 LFM) |
---
### Key Features
#### 1. Heat Sink Design
* **Material:** Made of aluminum for optimal weight-to-thermal conductivity ratio.
* **Fin Style:** It features a **Straight-Fin** design. This is ideal for systems with high-velocity airflow or forced-air cooling.
* **Anodization:** The blue anodized finish provides a durable surface that prevents corrosion and enhances thermal radiation properties.
#### 2. Mounting Mechanism (Push-Pin)
* The **Push-Pin** system uses a spring-loaded mechanism to provide a secure and consistent downward force (pressure) on the electronic component.
* This ensures maximum contact between the chip and the heat sink, minimizing thermal resistance.
* The pins require pre-drilled holes in the PCB.
#### 3. Thermal Interface Material (TIM)
* The unit comes with **T766** pre-applied to the base.
* T766 is a phase-change material that softens when it reaches operating temperature, filling microscopic gaps between the heat sink and the component to improve heat transfer.
---
### Common Applications
This part is typically found in:
* **Telecommunications:** Cooling of high-speed processors or network switches.
* **Industrial Electronics:** Protecting power modules or ASICs from overheating.
* **Computing:** Used on Motherboards or Graphics cards for secondary chipsets.
- ⤷
What are the PCB hole requirements for the brass push-pins used in this heat sink?
- ⤷ How does the thermal resistance change at different airflow speeds (LFM)?
- ⤷ Can the T766 thermal interface material be replaced with a different compound if needed?