Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-06B-206-C2-R0

  • AI
    The **ATS-06B-206-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure. --- ## 1. Technical Specifications The following table outlines the mechanical and thermal characteristics of the part: | Characteristic | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Attachment Type** | Push-Pin (Spring-loaded) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Base Dimensions** | 60mm x 60mm | | **Height (Off Base)** | 6mm (Low Profile) | | **Thermal Resistance** | 7.71°C/W (at 100 LFM) | | **Fin Pattern** | XC-CUT (Cross-Cut) | --- ## 2. Key Electronic Features ### A. Low Profile Design At only **6mm in height**, this heat sink is designed for densely packed electronic enclosures or 1U server racks where vertical space is extremely limited. ### B. XC-CUT Fin Design The "XC-CUT" refers to the fin geometry. Unlike straight fins, cross-cut fins allow for multi-directional airflow. This is critical in electronics where the fan placement might not be perfectly aligned with the heat sink. ### C. pushPIN™ Attachment Instead of using messy thermal adhesives or complex screws, this part uses a **Push-Pin** mechanism with a specialized spring. This provides: * **Constant Pressure:** Ensures the thermal interface material (TIM) is compressed evenly for maximum heat transfer. * **Mechanical Stability:** Protects the delicate solder joints of the BGA component from vibration. ### D. Thermal Performance (LFM) Electronic heat sinks are rated by Linear Feet per Minute (LFM). The ATS-06B-206-C2-R0 performs as follows: * **@100 LFM:** 7.71 °C/W * **@700 LFM:** 2.31 °C/W *(Note: Lower °C/W is better, as it indicates more efficient heat dissipation.)* --- ## 3. Applications in Electronics * **Embedded Systems:** Ideal for cooling ARM processors or FPGAs in industrial controllers. * **Telecommunications:** Used in routers and switches where airflow might come from various angles. * **Power Electronics:** Dissipating heat from MOSFET arrays or voltage regulators.
    ✨ Follow-up Questions
    • ⤷ What is the difference between XC-CUT and straight fin designs in thermal management?
    • ⤷ How do I calculate the required LFM for my specific electronic component?
    • ⤷ What type of Thermal Interface Material (TIM) is recommended for push-pin heat sinks?