AI

The **ATS-06B-33-C3-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components.
Below is a detailed breakdown of its specifications and electronic application characteristics.
### 1. Technical Specifications
The part belongs to the **pushPIN™** series by Advanced Thermal Solutions (ATS).
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded bolts) |
| **Fin Type** | Straight Fin |
| **Dimensions** | 35mm x 35mm x 20mm |
| **Thermal Resistance** | 17.50°C/W (at 100 LFM) |
---
### 2. Physical Design and Construction
This component is designed to maximize surface area for heat dissipation:
* **Fin Pattern:** It uses a **Straight Fin** design, which is optimal for steady, unidirectional airflow.
* **Base Material:** Made of aluminum for a balance between weight, cost, and high thermal conductivity.
* **Attachment:** The `pushPIN™` system ensures consistent pressure between the heatsink and the electronic chip, which is vital for effective thermal transfer.
---
### 3. Electronic Application & Performance
In an electronic system, this part serves as the primary cooling mechanism for components such as CPUs, GPUs, FPGAs, or Power Transistors.
#### Thermal Performance Table
The efficiency of the heatsink depends heavily on the velocity of the air (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 17.50 |
| 200 | 1.0 | 7.67 |
| 400 | 2.0 | 3.63 |
| 600 | 3.0 | 2.59 |
#### Why "C3" and "R0" Matter?
* **C3:** Refers to the thermal interface material (TIM) or the specific hardware kit version. In this series, it often denotes a specific spring/plastic pin combination for PCB mounting.
* **R0:** Indicates the RoHS compliance status (Restriction of Hazardous Substances), meaning it is lead-free and safe for global electronic manufacturing standards.
---
### 4. Implementation Example
If you are designing a PCB, you would use the following footprint considerations:
```markdown
Pitch: 40.00 mm (Distance between mounting holes)
Height: 20.00 mm (Vertical clearance required in the chassis)
Weight: ~25-30 grams (Mechanical stress on the PCB)
```
- ⤷
What is the difference between straight fin and cross-cut fin heatsinks?
- ⤷ How do I calculate the required LFM for my specific chip wattage?
- ⤷ Can this heatsink be used with a 40mm fan for active cooling?