ATS-06B-34-C3-R0
AI

The **ATS-06B-34-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) | Industry leader in thermal management. |
| **Material** | Aluminum | High thermal conductivity and lightweight. |
| **Dimensions** | 35mm x 35mm x 25mm | Standard square footprint for IC packages. |
| **Fin Type** | Straight Fin | Optimizes airflow in a single direction. |
| **Attachment** | push-PIN™ | Mechanical mounting for high reliability. |
| **Finish** | Blue Anodized | Increases surface emissivity and corrosion resistance. |
| **Thermal Resistance** | 6.81°C/W (@ 1.0 m/s) | Lower values indicate better cooling performance. |
---
### 2. Design and Components
The ATS-06B-34-C3-R0 is engineered for modern PCB (Printed Circuit Board) layouts where space is tight but heat dissipation is critical.
#### A. The push-PIN™ Mounting System
Instead of using messy thermal adhesives or tapes, this part utilizes a **push-PIN™** mechanism:
- **Spring-loaded pins:** Ensure constant pressure between the heat sink and the component.
- **Reliability:** Prevents the heat sink from shifting during vibration or shipping.
- **Ease of Service:** Allows for easy removal and re-application of thermal paste if necessary.
#### B. Fin Geometry
The "Straight Fin" design is most effective when paired with a directed airflow (system fan). The spacing between the fins is calculated to minimize pressure drop while maximizing the surface area available for convection.
#### C. Thermal Interface Material (TIM)
This specific model typically comes with a pre-applied **Phase Change Material** or thermal pad on the base. This ensures that the microscopic gaps between the heat sink base and the chip are filled, reducing thermal resistance at the contact point.
---
### 3. Usage Scenarios
This component is typically found in:
1. **Networking Equipment:** Routers, switches, and firewalls.
2. **Embedded Systems:** Single-board computers (SBCs) and industrial controllers.
3. **Power Electronics:** Voltage regulators and power converters that generate significant waste heat.
---
- ⤷
What are the advantages of push-PIN mounting over thermal adhesive tape?
- ⤷ How do I calculate if the 6.81°C/W thermal resistance is sufficient for my specific chip?
- ⤷ Does this heat sink require a specific hole pattern on the PCB?