ATS-06B-49-C3-R0
AI

The **ATS-06B-49-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for efficient cooling of semiconductor components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W)** | 30.00 mm x 30.00 mm |
| **Height** | 10.00 mm |
| **Pitch** | Fine-Pitch |
| **Thermal Resistance** | 26.55 °C/W (Unducted @ 1.0 m/s) |
| **Flow Pattern** | Straight-Fin |
---
### 2. Key Components & Design
The "Electronic Parts" aspect of this assembly refers to the mechanical interface and the thermal interface material used to protect electronic circuits.
* **Heat Sink Body:** Extruded aluminum designed with a fine-pitch fin structure. This maximizes surface area, allowing heat to transfer from the electronic chip to the surrounding air more effectively.
* **pushPIN™ Attachment:** This is the mounting mechanism. It uses a flexible, spring-loaded pin that provides a precise amount of "clamping force" (pressure) onto the electronic component. This ensures the heat sink stays in contact with the chip during vibrations or thermal expansion.
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T412**, a high-performance thermal tape or grease. This fills the microscopic air gaps between the chip and the heat sink to ensure maximum heat conductivity.
* **Compression Springs:** These are crucial for maintaining consistent pressure, preventing the heat sink from tilting and potentially cracking the delicate silicon die of the electronic part.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying the specific variant:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **06:** Series/Type.
* **B:** Attachment version.
* **49:** Physical dimensions/configuration code.
* **C3:** Material/Thermal performance grade.
* **R0:** RoHS compliance and revision status.
---
### 4. Application in Electronics
This part is commonly found in:
1. **Telecommunications:** Cooling signal processors.
2. **Embedded Systems:** Industrial PCs where space is limited (10mm height).
3. **Power Electronics:** Dissipating heat from voltage regulators or MOSFETs.
- ⤷
What are the benefits of using a pushPIN attachment over standard adhesive?
- ⤷ How does the 'Fine-Pitch' fin design affect thermal performance in low-airflow environments?
- ⤷ Can this heat sink be customized for different height requirements?