ATS-06B-52-C3-R0
AI

The **ATS-06B-52-C3-R0** is a specific part number for a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" series designed for cooling electronic components like CPUs, GPUs, and other high-heat surface-mount chips.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Brass) with Spring |
| **Dimensions** | 35mm x 35mm x 25mm |
| **Thermal Resistance** | 10.88°C/W (at 100 LFM) |
| **Fin Style** | Straight Fin |
| **Base Shape** | Square |
---
### 2. Physical Design & Features
* **Fin Structure:** It utilizes a straight-fin design, which is optimal for unidirectional airflow environments (e.g., inside a server chassis or a desktop PC case).
* **Push Pin Mechanism:** Unlike adhesive-based heat sinks, this uses a mechanical push-pin system. This provides consistent pressure for better thermal contact and is more reliable in high-vibration environments.
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T412** thermal tape or a phase-change material to ensure efficient heat transfer from the chip to the aluminum.
---
### 3. Part Number Breakdown
The part number can be decoded to understand the specific configuration:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **06** | Product Series (Push Pin Heat Sinks) |
| **B** | Material/Process Code |
| **52** | Specific Size/Configuration Identifier |
| **C3** | Performance/Thermal Interface Class |
| **R0** | Revision or Packaging code |
---
### 4. Applications
This electronic part is commonly used for:
1. **Network Switches:** Cooling ASICs and processors.
2. **Industrial PCs:** Ensuring thermal stability in compact enclosures.
3. **Power Supplies:** Dissipating heat from power transistors.
4. **Embedded Systems:** Managing heat on SoCs (System on Chips).
---
- ⤷
How does the thermal resistance of this heat sink change at higher airflows (LFM)?
- ⤷ What are the PCB hole requirements for the push-pin mounting system?
- ⤷ Are there alternative attachment methods for the 35mm x 35mm size if I don't have PCB holes?