ATS-06B-71-C2-R0
AI

The **ATS-06B-71-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
### 1. Key Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Fin Pattern** | Straight Fin (provides high surface area) |
| **Thermal Resistance** | ~6.70°C/W (at 100 LFM) |
| **Compatibility** | Designed for PCB hole mounting |
---
### 2. Functional Components
The "Electronic Parts" aspect of this assembly consists of the following mechanical and thermal elements:
* **Heat Sink Body:** The main aluminum structure. Aluminum is chosen for its high thermal conductivity and lightweight properties.
* **pushPIN™ Attachment:** This is the mounting mechanism. It uses a spring-loaded pin to ensure consistent pressure (clamping force) between the heat sink and the electronic chip, which is critical for efficient heat transfer.
* **Thermal Interface Material (TIM):** This specific model typically comes with a pre-applied high-performance thermal interface (like T766) on the base to fill microscopic air gaps between the component and the sink.
---
### 3. Part Number Breakdown (Nomenclature)
Understanding the code helps in identifying the specific configuration:
1. **ATS:** Manufacturer (Advanced Thermal Solutions).
2. **06:** Series/Product line.
3. **B:** Specific material or configuration type.
4. **71:** Designator for physical dimensions and fin count.
5. **C2:** Material/Finish code (Blue Anodized).
6. **R0:** Packaging or revision indicator.
---
### 4. Application Use-Cases
* **Embedded Systems:** Cooling processors in industrial computers.
* **Telecommunications:** Heat dissipation for high-speed networking chips.
* **Power Supplies:** Cooling voltage regulators or power MOSFETs.
- ⤷
How do you calculate the required CFM for this heat sink?
- ⤷ What is the difference between Blue Anodized and Black Anodized finishes in thermal terms?
- ⤷ Can this heat sink be used with a custom fan attachment?