ATS-06B-82-C2-R0
AI

The **ATS-06B-82-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" attachment series designed for cooling integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 25.00mm |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 10.79°C/W (at 100 LFM) |
| **Flow Orientation** | Vertical Fin (High Efficiency) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the cooling capability and mounting style:
* **ATS**: Advanced Thermal Solutions (Manufacturer).
* **06**: Series identifier (typically relates to mounting hole spacing or fin density).
* **B**: Fin type/geometry designation.
* **82**: Specific profile identifier for the base and fin height.
* **C2**: Material and Finish (Aluminum with Blue Anodized coating).
* **R0**: Revision or specific packaging code.
---
### 3. Key Features & Applications
#### Features
* **High Performance:** The "straight fin" design allows for excellent heat dissipation in environments with directed airflow.
* **Secure Mounting:** Uses a **Push-Pin and Spring** mechanism. This ensures consistent pressure between the heat sink and the chip, improving thermal interface material (TIM) performance.
* **Pre-drilled Holes:** Designed to fit specific PCB hole patterns, eliminating the need for messy adhesives or clips.
* **Thermal Interface Material:** Often comes with pre-applied phase-change material or high-conductivity pads.
#### Common Applications
* **Processors (CPU/GPU):** Cooling small form-factor embedded processors.
* **Network Hardware:** Cooling ASICs in routers and switches.
* **Power Electronics:** Dissipating heat from high-speed transistors or voltage regulators.
* **Industrial PCs:** Used in compact enclosures where passive or low-airflow cooling is required.
---
### 4. Thermal Performance Data
Performance varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural/Low) | 10.79 |
| 300 (Moderate) | 3.50 |
| 500 (High Flow) | 2.50 |
---
- ⤷
What are the specific PCB hole dimensions required for this push-pin heat sink?
- ⤷ Can this heat sink be used with a custom Thermal Interface Material (TIM)?
- ⤷ How does blue anodization affect the thermal performance compared to bare aluminum?