ATS-06B-83-C2-R0
AI

The **ATS-06B-83-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power chipsets.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Base Part Number** | ATS-06B-83-C2-R0 |
| **Thermal Resistance** | 1.62°C/W (at 200 LFM) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass, Plastic) |
| **Fin Type** | Cross-Cut (Straight Fin) |
| **Dimensions (L x W x H)** | 30mm x 30mm x 20mm |
---
### 2. Key Features and Construction
#### A. Material and Coating
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodizing:** This is not just aesthetic; the anodized layer increases surface emissivity, which improves heat dissipation via radiation and protects the metal from corrosion.
#### B. The Push-Pin Mechanism
Unlike adhesive-based heat sinks, the "06B" series uses a mechanical **Push-Pin and Spring** system:
* **Reliability:** Provides consistent pressure (Pre-assembled with a spring) to ensure maximum contact between the heat sink and the component.
* **Installation:** Requires pre-drilled holes in the PCB. The pins snap into place, locking the heat sink securely.
#### C. Thermal Interface Material (TIM)
The "C2" suffix typically indicates that the part comes pre-applied with **ATS-specific thermal phase change material** or high-performance thermal tape. This fills microscopic air gaps between the component and the heat sink base to lower thermal resistance.
---
### 3. Thermal Performance Profile
Thermal resistance indicates how effectively the part moves heat away from the silicon. Performance varies based on the airflow (LFM - Linear Feet per Minute):
* **Unducted Flow (100 LFM):** ~3.00°C/W
* **Ducted Flow (200 LFM):** ~1.62°C/W
* **High Flow (400 LFM):** ~1.20°C/W
---
### 4. Typical Applications
* **Embedded Systems:** Industrial PCs and controllers.
* **Telecommunications:** Network switches and routers.
* **Power Supplies:** Cooling MOSFETs or power regulators.
- ⤷
What are the PCB hole diameter requirements for the ATS-06B push-pin series?
- ⤷ How does 'Cross-Cut' fin design compare to 'Pin-Fin' design for airflow?
- ⤷ Is the 'C2' thermal interface material electrically conductive?