ATS-06D-01-C3-R0
AI

The **ATS-06D-01-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for cooling small electronic components like CPUs, GPUs, or ASICs.
### 1. Technical Specifications
The following table highlights the core physical and thermal properties of this part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Type** | Push-Pin (Plastic) |
| **Fin Style** | Straight Fin |
| **Dimensions** | 40mm x 40mm x 10mm |
| **Thermal Resistance** | 22.05°C/W (at 200 LFM) |
| **Compatibility** | 40mm square components |
---
### 2. Key Electronic Functions
While the heat sink itself does not contain circuitry, its role is critical to the electronic stability of a system:
* **Thermal Dissipation:** It increases the surface area of a heat-generating semiconductor, allowing heat to transfer more efficiently into the surrounding air.
* **Preventing Thermal Throttling:** By keeping temperatures low, it ensures that processors do not reduce their clock speeds to prevent overheating.
* **Component Longevity:** Excessive heat is the primary cause of electronic failure; this part extends the Mean Time Between Failures (MTBF) of the primary IC.
---
### 3. Attachment Mechanism: Push-Pin & Spring
The "C3" in the part number refers to the specific attachment kit included. This system consists of:
1. **Plastic Push-Pins:** These snap into pre-drilled holes on the Printed Circuit Board (PCB).
2. **Compression Springs:** These provide consistent downward pressure on the heat sink, ensuring an airtight interface with the electronic component.
3. **Thermal Interface Material (TIM):** Usually pre-applied as a T766 phase-change material or a thermal pad to fill microscopic gaps between the sink and the chip.
---
### 4. Airflow Performance (LFM)
The effectiveness of the ATS-06D-01-C3-R0 is highly dependent on the velocity of the air moving through it (Linear Feet per Minute):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 22.05 |
| 400 (2.0 m/s) | 13.02 |
| 600 (3.0 m/s) | 9.33 |
| 800 (4.0 m/s) | 7.25 |
- ⤷
What is the hole pattern requirement for the PCB to use this heat sink?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a different thermal interface material like liquid metal?