ATS-06D-02-C2-R0
AI

The **ATS-06D-02-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the *pushPIN™* series, designed for efficient cooling of semiconductor devices like CPUs, GPUs, or FPGAs.
---
## 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Property | Description |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Base Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Spring-loaded) |
| **Thermal Resistance** | 18.32°C/W (Unducted @ 100 LFM) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 12.70mm |
---
## 2. Design Features
The "electronic" functionality of this part is purely passive, relying on thermodynamics to protect active components.
### A. Fin Profile (Fine Pitch)
The "D" in the part number often indicates a specific fin pattern. This model uses a **Straight Fin** design, which provides a high surface area to volume ratio, making it ideal for systems with moderate to high airflow.
### B. Thermal Interface Material (TIM)
The **C2** suffix indicates that this heat sink comes pre-applied with a high-performance thermal interface material (typically a phase-change or grease-based pad). This ensures the microscopic gaps between the heat sink and the electronic chip are filled, reducing thermal impedance.
### C. Attachment Mechanism (Push Pin)
Unlike adhesive-based heat sinks, the **R0** version uses a push-pin mechanism with a brass or plastic pin and a compression spring.
* **Reliability:** Provides constant pressure for better thermal contact.
* **Maintenance:** Allows for easy removal and re-installation without damaging the PCB.
---
## 3. Thermal Performance Data
Performance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | Velocity (m/s) | Resistance (Unducted) | Resistance (Ducted) |
| :--- | :--- | :--- | :--- |
| 100 | 0.5 | 18.32 °C/W | 3.12 °C/W |
| 200 | 1.0 | 7.12 °C/W | 2.03 °C/W |
| 400 | 2.0 | 4.12 °C/W | 1.47 °C/W |
---
### Summary of Usage
This part is typically found on **Printed Circuit Boards (PCBs)** where a specific electronic component is generating between 2W and 15W of heat. The blue anodized coating is not just for aesthetics; it increases surface emissivity and protects the aluminum from corrosion.
- ⤷
What is the difference between ducted and unducted thermal resistance?
- ⤷ Does this heat sink support custom push-pin lengths for thicker PCBs?
- ⤷ What are the specific hole patterns required on the PCB for this model?