ATS-06D-05-C3-R0
AI

The **ATS-06D-05-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for efficient cooling of integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Type** | Fine-Pitch |
| **Fin Pattern** | XCUT (Cross-cut) |
| **Thermal Resistance (Unducted)** | 20.84 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 3.19 °C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 25.00mm |
---
### 2. Component Features
#### A. pushPIN™ Attachment
Unlike adhesive tapes or simple clips, the pushPIN™ system uses a flexible, spring-loaded mechanism. This ensures:
* **Constant Pressure:** Maintains uniform contact between the heat sink and the processor for better heat transfer.
* **Secure Mounting:** Resistant to shocks and vibrations.
* **Pre-Drilled Holes:** Designed for easy installation into a PCB with a standard hole pattern.
#### B. Cross-Cut (XCUT) Fin Design
The "XCUT" geometry means the fins are cut in both vertical and horizontal directions. This creates individual square pins rather than long continuous walls.
* **Omnidirectional Airflow:** It can receive air from any direction, making it ideal for enclosures with complex airflow patterns.
* **Increased Surface Area:** Maximizes the area available for heat dissipation.
#### C. Thermal Interface Material (TIM)
The **C3** designation in the part number indicates the type of Thermal Interface Material pre-applied to the base.
* **T412:** This specific model typically comes with T412, a high-performance phase-change material that fills microscopic air gaps between the chip and the aluminum.
---
### 3. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **06D** | Series/Mounting Style (pushPIN™) |
| **05** | Fin Pitch/Pattern Specifics |
| **C3** | Thermal Interface Material (TIM) Type |
| **R0** | RoHS Compliant Version |
---
### 4. Typical Applications
* **CPUs & GPUs:** In embedded systems or industrial PCs.
* **ASICs & FPGAs:** Used in telecommunications and data processing equipment.
* **Power Electronics:** For cooling high-output transistors and voltage regulators.
- ⤷
What are the PCB hole requirements for the pushPIN mounting system?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be customized for different height constraints?