ATS-06D-102-C2-R0
AI

The part number **ATS-06D-102-C2-R0** refers to a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "pushPIN™" series, designed for efficient heat dissipation in electronic components like CPUs, GPUs, and other integrated circuits.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Spring-loaded) |
| **Fin Type** | Straight Fin (Pattern: Fine-Pitch) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 35mm |
| **Thermal Resistance** | 5.24°C/W (at 100 LFM) |
---
### 2. Design and Components
The assembly consists of more than just a block of metal; it is an engineered thermal solution:
* **Heat Sink Body:** A 45x45mm square aluminum base with vertical fins designed to maximize surface area for air cooling.
* **Push Pins:** Made of nylon or brass, these pins provide the mechanical force necessary to secure the heatsink to the PCB.
* **Compression Springs:** These ensure a consistent "force-to-load" ratio, ensuring the heatsink maintains optimal contact with the electronic chip.
* **Thermal Interface Material (TIM):** This model typically comes with a pre-applied thermal pad (usually T766) on the base to fill microscopic air gaps between the component and the heatsink.
---
### 3. Thermal Performance Metrics
Thermal resistance indicates how effectively the part moves heat away from the component. Performance varies based on airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 5.24 |
| 300 | 1.5 | 1.97 |
| 500 | 2.5 | 1.48 |
| 700 | 3.5 | 1.26 |
---
### 4. Part Number Breakdown
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **06:** Series Identifier.
* **D:** Pin Material/Type.
* **102:** Specific Fin/Body Geometry.
* **C2:** Thermal Interface Material (TIM) and color (Blue Anodized).
* **R0:** RoHS Compliance/Revision level.
- ⤷
What are the PCB hole requirements for mounting this specific heatsink?
- ⤷ Does this model support active cooling fans or is it strictly passive?
- ⤷ How does 'Blue Anodized' finish affect the thermal emissivity of the part?