ATS-06D-133-C2-R0
AI

The part number **ATS-06D-133-C2-R0** refers to a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). This specific component is part of their "pushPIN™" thermal management line, designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the device:
| Feature | Specification |
| :--- | :--- |
| **Heat Sink Type** | pushPIN™ HS |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 70mm x 70mm x 10mm |
| **Fin Style** | Straight Fin |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Thermal Resistance** | ~4.11 °C/W (at 100 LFM) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
1. **ATS**: Manufacturer (Advanced Thermal Solutions).
2. **06**: Series/Series variation.
3. **D**: Thermal Interface Material (TIM) code.
4. **133**: Specific dimensions and fin configuration.
5. **C2**: Material and Finish (typically refers to Aluminum with Blue Anodize).
6. **R0**: RoHS Compliance status.
---
### 3. Electronic Application & Usage
This part is not an "electronic component" in the sense of a semiconductor, but a **passive thermal management component**. Its primary roles include:
* **Heat Dissipation:** It increases the surface area of a heat-generating component to allow faster cooling via airflow.
* **Mechanical Attachment:** The push-pin mechanism ensures constant pressure between the heat sink and the chip, which is critical for the effectiveness of the Thermal Interface Material (TIM).
* **Protection:** By maintaining a lower operating temperature, it prevents "thermal throttling" and extends the lifespan of sensitive electronic circuits.
---
### 4. Thermal Performance Comparison
Thermal performance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity | 100 LFM | 300 LFM | 500 LFM |
| :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | 4.11 | 2.19 | 1.66 |
- ⤷
What are the compatible push-pin sizes for this heat sink?
- ⤷ Does this model come with pre-applied Thermal Interface Material (TIM)?
- ⤷ What is the weight of the ATS-06D-133-C2-R0?