ATS-06D-144-C2-R0
AI

The **ATS-06D-144-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS).
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 30.00mm x 30.00mm |
| **Height (Off Base)** | 25.00mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 2.93°C/W @ 100 LFM (Airflow) |
| **Fin Configuration** | Fine Pitch (Cross-cut) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the product line and dimensions:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **06**: Series (Typically refers to the pushPIN™ attachment family).
* **D**: Material/Configuration code.
* **144**: Specific size/geometry identifier.
* **C2**: Thermal Interface Material (TIM). "C2" typically indicates **T766** (a high-performance thermal grease).
* **R0**: Revision/Packaging code.
---
### 3. Key Electronic Features
#### A. pushPIN™ Attachment
Unlike adhesive tapes or clip-on heat sinks, this part uses a **push-pin and spring mechanism**. This provides:
* **Consistent Pressure:** Ensures optimal contact between the heat sink and the electronic component (CPU, GPU, or FPGA).
* **Shock Resistance:** The spring-loaded assembly prevents the heat sink from shifting during mechanical vibration.
#### B. Cross-Cut Fin Design
The fins are designed with a "cross-cut" pattern. This is an electronic cooling strategy that allows for **multi-directional airflow**. If the air inside an enclosure isn't blowing in a single straight line, the cross-cut design still captures ambient air to dissipate heat efficiently.
#### C. Thermal Interface Material (TIM)
The "C2" designation means the part comes with **pre-applied thermal grease**. This simplifies the assembly process in manufacturing, as engineers do not need to manually apply paste to the chip before mounting the heat sink.
---
### 4. Typical Applications
* **Microprocessors (CPUs):** Small form factor processing units.
* **Telecommunications:** Cooling for high-speed networking chips.
* **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
* **Embedded Systems:** Industrial PCs where vertical space is limited to 25mm.
- ⤷What is the difference between pushPIN and adhesive mounting for this heat sink?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance?
- ⤷ Is there a version of this heat sink with a different height profile?